Part Number Hot Search : 
UPD70 45985 3163BK HER104G MMA2260 MA4Z713 NTE1762 BCR16
Product Description
Full Text Search
 

To Download 74LVC1G57GF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74lvc1g57 provides config urable multiple functions. th e output state is determined by eight patterns of 3-bit input. the user can choose the logic functions and, or, nand, nor, xnor, inverter and buffer. all inputs can be connected to v cc or gnd. inputs can be driven from either 3.3 v or 5 v devi ces. this feature allows the use of this device in a mixed 3.3 v and 5 v environment. this device is fully specified for pa rtial power-down ap plications using i off . the i off circuitry disables the output, preventin g the damaging backflow current through the device when it is powered down. all inputs (a, b and c) are schmitt trigger inpu ts. they are capable of transforming slowly changing input signals into sharply defined, jitter-free output signals. 2. features and benefits ? wide supply voltage range from 1.65 v to 5.5 v ? 5 v tolerant input/ output for interfacing with 5 v logic ? high noise immunity ? complies with jedec standard: ? jesd8-7 (1.65 v to 1.95 v) ? jesd8-5 (2.3 v to 2.7 v) ? jesd8b/jesd36 (2.7 v to 3.6 v). ? esd protection: ? hbm jesd22-a114f exceeds 2000 v ? mm jesd22-a115-a exceeds 200 v ? ? 24 ma output drive (v cc =3.0v) ? cmos low power consumption ? latch-up performance exceeds 250 ma ? direct interface with ttl levels ? inputs accept voltages up to 5 v ? multiple package options ? specified from ? 40 ? cto+85 ? c and ? 40 ? cto+125 ? c. 74lvc1g57 low-power configurable multiple function gate rev. 8 7 december 2016 product data sheet downloaded from: http:///
? nexperia b.v. 2017. all rights reserved 74lvc1g57 all information provided in this document is subject to legal disclaimers. product data sheet rev. 8 7 december 2016 2 of 20 nexperia 74lvc1g57 low-power configurable multiple function gate 3. ordering information 4. marking [1] the pin 1 indicator is located on the lower left corner of the device, below the marking code. 5. functional diagram table 1. ordering information type number package temperature range name description version 74lvc1g57gw ? 40 ? cto+125 ? c sc-88 plastic surface-mounted package; 6 leads sot363 74lvc1g57gv ? 40 ? cto+125 ? c sc-74 plastic surface-mounted package; 6 leads sot457 74lvc1g57gm ? 40 ? cto+125 ? c xson6 plastic extremely thin small outline package; no leads; 6 terminals; body 1 ? 1.45 ? 0.5 mm sot886 74LVC1G57GF ? 40 ? cto+125 ? c xson6 plastic extremely thin small outline package; no leads; 6 terminals; body 1 ? 1 ? 0.5 mm sot891 74lvc1g57gn ? 40 ? c to +125 ? c xson6 extremely thin small outline package; no leads; 6 terminals; body 0.9 ? 1.0 ? 0.35 mm sot1115 74lvc1g57gs ? 40 ? c to +125 ? c xson6 extremely thin small outline package; no leads; 6 terminals; body 1.0 ? 1.0 ? 0.35 mm sot1202 table 2. marking type number marking code [1] 74lvc1g57gw yc 74lvc1g57gv v57 74lvc1g57gm yc 74LVC1G57GF yc 74lvc1g57gn yc 74lvc1g57gs yc fig 1. logic symbol < & % $     dde downloaded from: http:///
? nexperia b.v. 2017. all rights reserved 74lvc1g57 all information provided in this document is subject to legal disclaimers. product data sheet rev. 8 7 december 2016 3 of 20 nexperia 74lvc1g57 low-power configurable multiple function gate 6. pinning information 6.1 pinning 6.2 pin description 7. functional description [1] h = high voltage level; l = low voltage level. fig 2. pin configuration sot363 and sot457 fig 3. pin configuration sot886 fig 4. pin configuration sot891, sot1115 and sot1202 /9&* %& *1' $< ddi     9 &&   /9&* *1' ddi %$ 9 && &< 7udqvsduhqwwrsylhz     /9&* *1' ddi %$ 9 && &< 7udqvsduhqwwrsylhz     table 3. pin description symbol pin description b 1 data input gnd 2 ground (0 v) a 3 data input y 4 data output v cc 5 supply voltage c 6 data input table 4. function table [1] input output c b a y lllh llhl lhlh lhhl hl l l hl hl hhl h hhhh downloaded from: http:///
? nexperia b.v. 2017. all rights reserved 74lvc1g57 all information provided in this document is subject to legal disclaimers. product data sheet rev. 8 7 december 2016 4 of 20 nexperia 74lvc1g57 low-power configurable multiple function gate 7.1 logic configurations table 5. function selection table logic function figure 2-input and see figure 5 2-input and with both inputs inverted see figure 8 2-input nand with inverted input see figure 6 and figure 7 2-input or with inverted input see figure 6 and figure 7 2-input nor see figure 8 2-input nor with both inputs inverted see figure 5 2-input xnor see figure 9 inverter see figure 10 buffer see figure 11 fig 5. 2-input and gate or 2-input nor gate with both inputs inverted fig 6. 2-input nand gate with input b inverted or 2-input or gate with inverted c input dde % % < &     < < & % & 9 && dde % % < &     < < & % & 9 && fig 7. 2-input nand gate with input c inverted or 2-input or gate with inverted a input fig 8. 2-input nor gate or 2-input and gate with both inputs inverted dde $ $  < &     < < & $ & 9 && dde $ &     < 9 && $ < & < $ & fig 9. 2-input xnor gate fig 10. inverter dde % &     < 9 && < % & dde $ $  <     < 9 && downloaded from: http:///
? nexperia b.v. 2017. all rights reserved 74lvc1g57 all information provided in this document is subject to legal disclaimers. product data sheet rev. 8 7 december 2016 5 of 20 nexperia 74lvc1g57 low-power configurable multiple function gate 8. limiting values [1] the input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] when v cc = 0 v (power-down mode), the output voltage can be 5.5 v in normal operation. [3] for sc-88 and sc-74 packages: above 87.5 ? c the value of p tot derates linearly with 4.0 mw/k. for xson6 packages: above 118 ? c the value of p tot derates linearly with 7.8 mw/k. 9. recommended operating conditions fig 11. buffer dde % % <     < 9 && table 6. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage ? 0.5 +6.5 v i ik input clamping current v i <0v ? 50 - ma v i input voltage [1] ? 0.5 +6.5 v i ok output clamping current v o >v cc or v o <0v - ? 50 ma v o output voltage active mode [1] [2] ? 0.5 +6.5 v power-down mode [1] [2] ? 0.5 +6.5 v i o output current v o =0vtov cc - ? 50 ma i cc supply current - +100 ma i gnd ground current ? 100 - ma t stg storage temperature ? 65 +150 ? c p tot total power dissipation t amb = ? 40 ? cto+125 ? c [3] - 250 mw table 7. recommended operating conditions symbol parameter conditions min typ max unit v cc supply voltage 1.65 - 5.5 v v i input voltage 0 - 5.5 v v o output voltage active mode 0 - v cc v v cc = 0 v; power-down mode 0 - 5.5 v t amb ambient temperature ? 40 - +125 ? c downloaded from: http:///
? nexperia b.v. 2017. all rights reserved 74lvc1g57 all information provided in this document is subject to legal disclaimers. product data sheet rev. 8 7 december 2016 6 of 20 nexperia 74lvc1g57 low-power configurable multiple function gate 10. static characteristics [1] typical values are measured at maximum v cc and t amb = 25 ? c. table 8. static characteristics at recommended operating conditions; voltag es are referenced to gnd (ground = 0 v). symbol parameter conditions ? 40 ? c to +85 ? c ? 40 ? c to +125 ? c unit min typ [1] max min max v ol low-level output voltage v i =v t+ or v t ? i o =100 ? a; v cc =1.65vto5.5 v - - 0.1 - 0.1 v i o =4ma; v cc = 1.65 v - - 0.45 - 0.7 v i o =8ma; v cc = 2.3 v - - 0.3 - 0.45 v i o =12ma; v cc = 2.7 v - - 0.4 - 0.6 v i o =24ma; v cc = 3.0 v - - 0.55 - 0.8 v i o =32ma; v cc = 4.5 v - - 0.55 - 0.8 v v oh high-level output voltage v i =v t+ or v t ? i o = ? 100 ? a; v cc =1.65vto5.5 v v cc ? 0.1 - - v cc ? 0.1 - v i o = ? 4ma; v cc = 1.65 v 1.2 - - 0.95 - v i o = ? 8ma; v cc = 2.3 v 1.9 - - 1.7 - v i o = ? 12 ma; v cc = 2.7 v 2.2 - - 1.9 - v i o = ? 24 ma; v cc = 3.0 v 2.3 - - 2.0 - v i o = ? 32 ma; v cc = 4.5 v 3.8 - - 3.4 - v i i input leakage current v i = 5.5 v or gnd; v cc =0vto5.5v - ? 0.1 ? 1- ? 1 ? a i off power-off leakage current v i or v o =5.5v; v cc = 0 v - ? 0.1 ? 2- ? 2 ? a i cc supply current v i = 5.5 v or gnd; i o = 0 a; v cc = 1.65 v to 5.5 v -0 . 14 - 4 ? a ? i cc additional supply current v i =v cc ? 0.6 v; i o =0a; v cc = 2.3 v to 5.5 v -55 0 0-5 0 0 ? a c i input capacitance -2 . 5- - -p f downloaded from: http:///
? nexperia b.v. 2017. all rights reserved 74lvc1g57 all information provided in this document is subject to legal disclaimers. product data sheet rev. 8 7 december 2016 7 of 20 nexperia 74lvc1g57 low-power configurable multiple function gate 11. dynamic characteristics [1] typical values are measured at nominal v cc and at t amb = 25 ? c. [2] t pd is the same as t plh and t phl [3] c pd is used to determine the dynamic power dissipation (p d in ? w). p d = c pd ? v cc 2 ? f i ? n + ? (c l ? v cc 2 ? f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v cc = supply voltage in v; n = number of inputs switching; ? (c l ? v cc 2 ? f o ) = sum of outputs. 12. waveforms table 9. dynamic characteristics voltages are referenced to gnd (ground = 0 v); for test circuit see figure 13 . symbol parameter conditions ? 40 ? c to +85 ? c ? 40 ? c to +125 ? c unit min typ [1] max min max t pd propagation delay a, b, c to y; see figure 12 [2] v cc = 1.65 v to 1.95 v 1.0 6.0 14.4 1.0 18 ns v cc = 2.3 v to 2.7 v 0.5 3.5 8.3 0.5 10.4 ns v cc = 2.7 v 0.5 4.2 8.5 0.5 10.6 ns v cc = 3.0 v to 3.6 v 0.5 3.8 6.3 0.5 7.9 ns v cc = 4.5 v to 5.5 v 0.5 3.0 5.1 0.5 6.4 ns c pd power dissipation capacitance v cc =3.3v; v i =gndtov cc [3] -2 2- - -p f measurement points are given in table 10 . v ol and v oh are typical output voltage levels that occur with the output load. fig 12. input a, b and c to output y propagation delay times <rxwsxw $%&lqsxw <rxwsxw *1' 9 , 9 2+ 9 2+ 9 2/ 9 2/ 9 0 9 0 9 0 9 0 9 0 9 0 w 3/+ w 3/+ w 3+/ w 3+/ dde downloaded from: http:///
? nexperia b.v. 2017. all rights reserved 74lvc1g57 all information provided in this document is subject to legal disclaimers. product data sheet rev. 8 7 december 2016 8 of 20 nexperia 74lvc1g57 low-power configurable multiple function gate table 10. measurement points supply voltage input output v cc v m v i v m 1.65 v to 1.95 v 0.5v cc v cc 0.5v cc 2.3 v to 2.7 v 0.5v cc v cc 0.5v cc 2.7 v 1.5 v 2.7 v 1.5 v 3.0vto3.6v 1.5v 2.7v 1.5v 4.5 v to 5.5 v 0.5v cc v cc 0.5v cc measurement points are given in table 11 . definitions test circuit: r l = load resistance. c l = load capacitance including jig and probe capacitance. r t = termination resistance should be equal to output impedance z o of the pulse generator. v ext = external voltage for measuring switching times. fig 13. test circuit for measuring switching times 9 (;7 9 && 9 , 9 2 pqd '87 & / 5 7 5 / 5 / * table 11. measurement points supply voltage input load v ext v cc v i t r =t f c l r l t plh , t phl 1.65 v to 1.95 v v cc ? 2.0ns 30pf 1k ? open 2.3 v to 2.7 v v cc ? 2.0ns 30pf 500 ? open 2.7v 2.7v ? 2.5ns 50pf 500 ? open 3.0vto3.6v 2.7v ? 2.5ns 50pf 500 ? open 4.5 v to 5.5 v v cc ? 2.5ns 50pf 500 ? open downloaded from: http:///
? nexperia b.v. 2017. all rights reserved 74lvc1g57 all information provided in this document is subject to legal disclaimers. product data sheet rev. 8 7 december 2016 9 of 20 nexperia 74lvc1g57 low-power configurable multiple function gate 13. transfer characteristics [1] typical values are measured at t amb =25 ? c. 14. waveforms trans fer characteristics table 12. transfer characteristics at recommended operating conditions; voltag es are referenced to gnd (ground = 0 v). symbol parameter conditions ? 40 ? c to +85 ? c ? 40 ? c to +125 ? c unit min typ [1] max min max v t+ positive-going threshold voltage see figure 14 , figure 15 , figure 16 and figure 17 v cc = 1.8 v 0.70 1.02 1.20 0.67 1.20 v v cc = 2.3 v 1.11 1.42 1.60 1.08 1.60 v v cc = 3.0 v 1.50 1.79 2.00 1.47 2.00 v v cc = 4.5 v 2.16 2.52 2.74 2.13 2.74 v v cc = 5.5 v 2.61 2.99 3.33 2.58 3.33 v v t ? negative-going threshold voltage see figure 14 , figure 15 , figure 16 and figure 17 v cc = 1.8 v 0.30 0.53 0.72 0.30 0.75 v v cc = 2.3 v 0.58 0.77 1.00 0.58 1.03 v v cc = 3.0 v 0.80 1.04 1.30 0.80 1.33 v v cc = 4.5 v 1.21 1.55 1.90 1.21 1.93 v v cc = 5.5 v 1.45 1.86 2.29 1.45 2.32 v v h hysteresis voltage (v t+ ? v t ? ); see figure 14 , figure 15 , figure 16 and figure 17 v cc = 1.8 v 0.30 0.48 0.62 0.23 0.62 v v cc = 2.3 v 0.40 0.64 0.80 0.34 0.80 v v cc = 3.0 v 0.50 0.75 1.00 0.44 1.00 v v cc = 4.5 v 0.71 0.97 1.20 0.65 1.20 v v cc = 5.5 v 0.71 1.13 1.40 0.65 1.40 v v t+ and v t ? limits are at 70 % and 20 %. fig 14. transfer characteristic fig 15. definition of v t+ , v t ? and v h pqd 9 2 9 , 9 + 9 7 9 7 pqd 9 2 9 , 9 + 9 7 9 7 downloaded from: http:///
? nexperia b.v. 2017. all rights reserved 74lvc1g57 all information provided in this document is subject to legal disclaimers. product data sheet rev. 8 7 december 2016 10 of 20 nexperia 74lvc1g57 low-power configurable multiple function gate v t+ and v t ? limits are at 70 % and 20 %. fig 16. transfer characteristic fig 17. definition of v t+ , v t ? and v h pqe 9 2 9 + 9 , 9 7 9 7 pqe 9 2 9 , 9 + 9 7 9 7 fig 18. typical 74lvc1g57 transfer characteristic; v cc =3.0v dde 9 ,  9       , && p$  downloaded from: http:///
? nexperia b.v. 2017. all rights reserved 74lvc1g57 all information provided in this document is subject to legal disclaimers. product data sheet rev. 8 7 december 2016 11 of 20 nexperia 74lvc1g57 low-power configurable multiple function gate 15. package outline fig 19. package outline sot363 (sc-88) 5()(5(1&(6 287/,1( 9(56,21 (8523($1 352-(&7,21 ,668('$7( ,(& -('(& -(,7$ 627 6&  z% 0 e s ' h  h slq lqgh[ $ $  / s 4 ghwdlo; + ( ( y 0 $ $ % \    p p vfdoh f ;      3odvwlfvxuidfhprxqwhgs dfndjhohdgv 627 81,7 $  pd[ e s f' ( h  + ( / s 4\ z y pp           h       ',0(16,216 ppduhwkhruljlqdoglphqvlrqv     $     downloaded from: http:///
? nexperia b.v. 2017. all rights reserved 74lvc1g57 all information provided in this document is subject to legal disclaimers. product data sheet rev. 8 7 december 2016 12 of 20 nexperia 74lvc1g57 low-power configurable multiple function gate fig 20. package outline sot457 (sc-74) 5()(5(1&(6 287/,1( 9(56,21 (8523($1 352-(&7,21 ,668('$7( ,(& -('(& -(,7$ 627 6&  z% 0 e s ' h slq lqgh[ $ $  / s 4 ghwdlo; + ( ( y 0 $ $ % \ vfdoh f ;         p p 3odvwlfvxuidfhprxqwhgsdfndjh 7623 ohdgv 627 81,7 $  e s f' ( + ( / s 4\ z y pp           h       ',0(16,216 ppduhwkhruljlqdoglphqvlrqv     $     downloaded from: http:///
? nexperia b.v. 2017. all rights reserved 74lvc1g57 all information provided in this document is subject to legal disclaimers. product data sheet rev. 8 7 december 2016 13 of 20 nexperia 74lvc1g57 low-power configurable multiple function gate fig 21. package outline sot886 (xson6) 5hihuhqfhv 2xwolqh yhuvlrq (xurshdqsurmhfwlrq ,vvxhgdwh ,(& -('(& -(,7$ 627 02 vrwbsr  8qlw pp pd[ qrp plq            $  'lphqvlrqv ppduhwkhruljlqdoglphqvlrqv 1rwhv ,qfoxglqjsodwlqjwklfnqhvv &dqehylvleohlqvrphpdqxidfwxulqjsurfhvvhv ;621sodvwlfh[wuhpho\wklqvpdoorxwolqhsdfndjhqrohdgvwhuplqdoverg\[[pp 627 $  e   '(hh   //  whuplqdolqgh[duhd ' ( h  h $  e / /  h    pp vfdoh       [  [  $ downloaded from: http:///
? nexperia b.v. 2017. all rights reserved 74lvc1g57 all information provided in this document is subject to legal disclaimers. product data sheet rev. 8 7 december 2016 14 of 20 nexperia 74lvc1g57 low-power configurable multiple function gate fig 22. package outline sot891 (xson6) whuplqdo lqgh[duhd 5()(5(1&(6 287/,1( 9(56,21 (8523($1 352-(&7,21 ,668('$7( ,(& -('(& -(,7$ 627   627   ;621sodvwlfh[wuhpho\wklqvpdoorxwolqhsdfndjhqrohdgv whuplqdoverg\[[pp ' ( h  h $  e / /  h    p p vfdoh ',0(16,216 ppduhwkhruljlqdoglphqvlrqv 81,7 pp       $  pd[ e (   ' hh  /   /    $  pd[      $ ?  ?  1rwh &dqehylvleohlqvrphpdqxidfwxulqjsurfhvvhv downloaded from: http:///
? nexperia b.v. 2017. all rights reserved 74lvc1g57 all information provided in this document is subject to legal disclaimers. product data sheet rev. 8 7 december 2016 15 of 20 nexperia 74lvc1g57 low-power configurable multiple function gate fig 23. package outline sot1115 (xson6) 5hihuhqfhv 2xwolqh yhuvlrq (xurshdq surmhfwlrq ,vvxhgdwh ,(& -('(& -(,7$ 627    vrwbsr   8qlw pp pd[ qrp plq              $  'lphqvlrqv 1rwh ,qfoxglqjsodwlqjwklfnqhvv 9lvleohghshqglqjxsrqxvhgpdqxidfwxulqjwhfkqrorj\ ;621h[wuhpho\wklqvpdoorxwolqhsdfndjhqrohdgv whuplqdoverg\[[pp 627 $  e    '( hh  /    /      p p vfdoh whuplqdo lqgh[duhd ' ( ?  h  h  h / /  e      ?  $  $ downloaded from: http:///
? nexperia b.v. 2017. all rights reserved 74lvc1g57 all information provided in this document is subject to legal disclaimers. product data sheet rev. 8 7 december 2016 16 of 20 nexperia 74lvc1g57 low-power configurable multiple function gate fig 24. package outline sot1202 (xson6) 5hihuhqfhv 2xwolqh yhuvlrq (xurshdq surmhfwlrq ,vvxhgdwh ,(& -('(& -(,7$ 627    vrwbsr   8qlw pp pd[ qrp plq              $  'lphqvlrqv 1rwh ,qfoxglqjsodwlqjwklfnqhvv 9lvleohghshqglqjxsrqxvhgpdqxidfwxulqjwhfkqrorj\ ;621h[wuhpho\wklqvpdoorxwolqhsdfndjhqrohdgv whuplqdoverg\[[pp 627 $  e    '( hh  /    /      p p vfdoh whuplqdo lqgh[duhd ' ( ?  h  h  h / e  /     ?  $ $  downloaded from: http:///
? nexperia b.v. 2017. all rights reserved 74lvc1g57 all information provided in this document is subject to legal disclaimers. product data sheet rev. 8 7 december 2016 17 of 20 nexperia 74lvc1g57 low-power configurable multiple function gate 16. abbreviations 17. revision history table 13. abbreviations acronym description cmos complementary metal oxide semiconductor ttl transistor-transistor logic hbm human body model esd electrostatic discharge mm machine model dut device under test table 14. revision history document id release date data sheet status change notice supersedes 74lvc1g57 v.8 20161207 product data sheet - 74lvc1g57 v.7 modifications: table 8 : the maximum limits for leakage current and supply current have changed. 74lvc1g57 v.7 20140910 product data sheet - 74lvc1g57 v.6 modifications: package outline drawing of sot886 ( figure 21 ) modified. 74lvc1g57 v.6 20111206 product data sheet - 74lvc1g57 v.5 74lvc1g57 v.5 20110922 product data sheet - 74lvc1g57 v.4 74lvc1g57 v.4 20101015 product data sheet - 74lvc1g57 v.3 74lvc1g57 v.3 20070719 product data sheet - 74lvc1g57 v.2 74lvc1g57 v.2 20060911 product data sheet - 74lvc1g57 v.1 74lvc1g57 v.1 20040906 product data sheet - - downloaded from: http:///
? nexperia b.v. 2017. all rights reserved 74lvc1g57 all information provided in this document is subject to legal disclaimers. product data sheet rev. 8 7 december 2016 18 of 20 nexperia 74lvc1g57 low-power configurable multiple function gate 18. legal information 18.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was publ ished and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nexperia.com . 18.2 definitions draft the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nexperia does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nexperia sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification the information and data provided in a product data sheet shall define the specification of the product as agreed between nexperia and its customer , unless nexperia and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nexperia product is deemed to offer functions and qualities beyond those described in the product data sheet. 18.3 disclaimers limited warranty and liability information in this document is believed to be accurate and reliable. however, nexperia does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such info rmation. nexperia takes no responsibility for the content in this document if provided by an information source outside of nexperia. in no event shall nexperia be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nexperias aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nexperia. right to make changes nexperia reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use nexperia products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of a nexperia product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nexperia and its suppliers accept no liability for inclusion and/or use of nexperia products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications applications that are described herein for any of these products are for illustrative purpos es only. nexperia makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nexperia products, and nexperia accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nexperia product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nexperia does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customers applications and products using nexperia products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nexperia does not accept any liability in this respect. limiting values stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale nexperia products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nexperia.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nexperia hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nexperia products by customer. no offer to sell or license nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification. downloaded from: http:///
? nexperia b.v. 2017. all rights reserved 74lvc1g57 all information provided in this document is subject to legal disclaimers. product data sheet rev. 8 7 december 2016 19 of 20 nexperia 74lvc1g57 low-power configurable multiple function gate export control this document as well as the item(s) described herein may be subject to export control regu lations. export might require a prior authorization from competent authorities. non-automotive qualified products unless this data sheet expressly states that this specific nexperia product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nexperia accepts no liabili ty for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses t he product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall use the product without nexperias warranty of the product for such automotive applicat ions, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nexperias specifications such use shall be solely at customer?s own risk, and (c) customer fully indemnifies nexperia for any liability, damages or failed product claims resulting from customer design and use of the product for automotive app lications beyond nexperias standard warranty and nexperias product specifications. translations a non-english (translated) version of a document is for reference only. the english version shall prevail in case of any discrepancy between the translated and english versions. 18.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 19. contact information for more information, please visit: http://www.nexperia.com for sales office addresses, please send an email to: salesaddresses@nexperia.com downloaded from: http:///
nexperia 74lvc1g57 low-power configurable multiple function gate 20. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 5 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 3 6.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 6.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 7 functional description . . . . . . . . . . . . . . . . . . . 3 7.1 logic configurations . . . . . . . . . . . . . . . . . . . . . 4 8 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 5 9 recommended operating conditions. . . . . . . . 5 10 static characteristics. . . . . . . . . . . . . . . . . . . . . 6 11 dynamic characteristics . . . . . . . . . . . . . . . . . . 7 12 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 13 transfer characteristics . . . . . . . . . . . . . . . . . . 9 14 waveforms transfer characteristics. . . . . . . . . 9 15 package outline . . . . . . . . . . . . . . . . . . . . . . . . 11 16 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 17 17 revision history . . . . . . . . . . . . . . . . . . . . . . . . 17 18 legal information. . . . . . . . . . . . . . . . . . . . . . . 18 18.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 18 18.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 18.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 18.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 19 19 contact information. . . . . . . . . . . . . . . . . . . . . 19 20 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 07 december 2016 downloaded from: http:/// ? nexperia b.v. 2017. all rights reserved for more information, please visit: http://www.nexperia.com for sales office addresses, please send an email to: salesaddresses@nexperia.com date of release:


▲Up To Search▲   

 
Price & Availability of 74LVC1G57GF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X